PART |
Description |
Maker |
BC546 BC547 BC548 BC546B BC547C |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Planar Epitaxial Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
BC172TAPE-REEL BC172ATAPE-REEL 2SC3199 2SC3355 MPS |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
DDC113TU-7-F DDC114TU-7-F DDC143TU-7-F DDC123JU-7- |
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
BC548ABU BC548ATA BC548TAR BC548TF BC548D81Z |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC358 BC454 BC330 BC318 |
100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2SC5845 |
Silicon NPN epitaxial planar type 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
SF2N4924 2N4924 SF_2N4924 2N6462 |
Bipolar NPN Device 200 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2SC4691 |
Silicon NPN epitaxial planer type(For high speed switching) 100 mA, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
547B 548B BC546B BC547A BC546 BC548 |
NPN Silicon Amplifier Transistor 625mW 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Amplifier Transistor 625mW 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor
|
Micro Commercial Compon... Micro Commercial Components Corp. Micro Commercial Components, Corp. Korea Electronics (KEC)
|
|